Part Number Hot Search : 
MR3751 72002 N74HC 00145724 1H820 9916H UM1100 MSM6411A
Product Description
Full Text Search
 

To Download DTA114TUA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TECHNICAL SPECIFICATION
SEMICONDUCTOR
SOT-323 DIGITAL TRANSISTORS TRANSISTORS(PNP)
RECTRON
DTA114TUA
FEATURES
* Built-in bias resistors enable the configuration of an inverter circuit without connecting external input resistors.(see equivalent circuit). * The bias resistors conisit of thin-film resistors with complete isolation to without connecting external input. They also have the advantage of almost completely Eliminating parasitic effects. * Only the on/off conditions need to be set for operation marking device design easy.
SOT-323
0.053(1.35) 0.045(1.15) 0.006(0.15) 0.003(0.08) REF 0.021(0.53)
MECHANICAL DATA
* * * * *
Case: Molded plastic Epoxy: UL 94V-O rate flame retardant Lead: MIL-STD-202E method 208C guaranteed Mounting position: Any Weight: 0.006 gram
0.043(1.10) 0.035(0.90) 0.004(0.10) 0.000(0.00)
0.016(0.40) 0.008(0.20)
0.096(2.45) 0.085(2.15)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 C ambient temperature unless otherwise specified. (2) (1) (1) BASE (2) EMITTER (3) COLLECTOR
O
0.055(1.40) 0.047(1.20)
1 3 2
0.087(2.20) 0.079(2.00)
(3) MAXIMUM RATINGES ( @ TA = 25oC unless otherwise noted ) RATINGS Collector-Base Voltage Collector-Emitter Voltage Emitter-base Voltage Collector Continuous Current Collector Dissipation Junction and storage Temperature
o
Dimensions in inches and (millimeters)
SYMBOL VCBO VCEO VEBO IC PC TJ ,TSTG
VALUE -50 -50 -5 -100 200 -55 to +150
UNITS V V V mA mW
o
C
ELECTRICAL CHARACTERISTICS ( @ TA = 25 C unless otherwise noted ) CHARACTERISTICS Collector-base breakdown voltage (IC= -50mA,IE=0) Collector-emitter breakdown voltage (IC= -1mA,IB=0) Emitter-base breakdown voltage (IE= -50mA,IC=0) Collector cut-off current (VCB= -50V,IE=0) Emitter cut-off current (VEB= -4V,IC=0) DC current gain (VCE= -5V,IC= -1mA) Collector-emitter saturation voltage (IC= -10mA,IB= -1mA) Transistion frequency (VCE= -10V,IC= -5mA,f=100MHz) Input resistor Note: "Fully ROHS compliant", "100% Sn plating (Pb-free)". SYMBOL V(BR)CBO V(BR)CEO V(BR)EBO ICBO IEBO hFE VCE(sat) fT MIN. -50 -50 -5 100 7 TYP. 250 250 10 MAX. -0.5 -0.5 600 -0.3 13 V MHz KW 2006-3 UNITS V V V mA mA
R1
RATING AND CHARACTERISTICS CURVES ( DTA114TUA )
VCE(sat), COLLECTOR-EMITTER SATURATION VOLTAGE, (V) 1K 500 hFE, DC CURRENT GAIN 200 100 50 20 10 5 2 1 -100u -200u -500u -1m -2m -5m -10m -20m -50m -100m
Ta = 100 OC 25 OC -40OC
VCE = -5V
-1
-500m -200m -100m -50m -20m -10m -5m -2m -1m -100u -200u -500u -1m -2m
Ta = 100 OC 25 OC -40OC
IC/IB = 20
-5m -10m -20m -50m -100m
Figure 1 DC current gain vs. collector current
IC, COLLECTOR CURRENT(A)
Figure 2 Collector-emitter saturation voltage vs.collector current
IC, COLLECTOR CURRENT(A)
COLLECTOR BASE R1
EMITTER
Figure3 Equivalent circuit
RECTRON
DISCLAIMER NOTICE
Rectron Inc reserves the right to make changes without notice to any product specification herein, to make corrections, modifications, enhancements or other changes. Rectron Inc or anyone on its behalf assumes no responsibility or liability for any errors or inaccuracies. Data sheet specifications and its information contained are intended to provide a product description only. "Typical" parameters which may be included on RECTRON data sheets and/ or specifications can and do vary in different applications and actual performance may vary over time. Rectron Inc does not assume any liability arising out of the application or use of any product or circuit. Rectron products are not designed, intended or authorized for use in medical, life-saving implant or other applications intended for life-sustaining or other related applications where a failure or malfunction of component or circuitry may directly or indirectly cause injury or threaten a life without expressed written approval of Rectron Inc. Customers using or selling Rectron components for use in such applications do so at their own risk and shall agree to fully indemnify Rectron Inc and its subsidiaries harmless against all claims, damages and expenditures.
RECTRON


▲Up To Search▲   

 
Price & Availability of DTA114TUA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X